|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
fixed inductors for cellular phone 3?; ? ? nz {????? (1) inductance is measured with a lcr meter 4284a * or equivalent. (2) dc resistance is measured with a digital multimeter tr6871 (advantest) or equivalent. (3) maximum allowable dc current is that which causes a 30% inductance reduction from the initial value, or coil temperature to rise by 40c, whichever is smaller. (reference ambient temperature 20c) * agilent technologies ??????x - $ 3y?? " ?hx?s ?t??b?{ v ?x?????y?? 5 3 " e w b o u f t u ?hx?s ? t??b?{ 7g?0?vxzv o t?v?v`h??????w?u s 8??? n ?b?v?v?z?hxv?vt??z?? w9su ? w??t ?^m?pb{ *?9s ??, jqb?{ * agilent technologies dj515c dimensions ? ? go $ recommended patterns * ???? $ 1.5 max. 5.2 max. 1.4 4.2 0.6 m2 ? direction indication 6.0 4.0 2.0 (unit: mm) features ? ?? (unit: mm) ? low profile (5.2mm max. square and 1.5mm max. height). ? magnetically shielded construction and low dc resistance. ? ideal for dc-dc converter choke coil for portable equipments (dvd, dsc, cellular, pda ). ? rohs compliant. ? ? ,? n n . b y z?^ n n . b y ? ??z?v ? ? ?;+ % 7 %z % 4 $z $ f m m v m b sz 1 % "srw % $ % $?? ?;??????t7& ? 3 p ) 4|?0 inductance range: 4.7~47h selection guide for standard coils type dj515c (quantity/reel; 2,000 pcs) f? ? j ?????? ?0) v ? v o t?0?v 9s ?0?v toko part number inductance (1) ( h) tolerance (%) dc resistance (2) ( ? ) max. (typ.) a994ay-4r7m 4.7 20 0.12 (0.11) 0.59 (0.79) 0.83 (1.06) 1.01 (1.20) a994ay-6r8m 6.8 20 0.16 (0.13) 0.50 (0.67) 0.66 (0.90) 0.85 (1.00) a994ay-8r2m 8.2 20 0.20 (0.17) 0.47 (0.63) 0.64 (0.85) 0.84 (0.99) a994ay-100m 10.0 20 0.23 (0.19) 0.41 (0.55) 0.57 (0.76) 0.82 (0.97) a994ay-150m 15.0 20 0.36 (0.30) 0.33 (0.44) 0.44 (0.59) 0.60 (0.71) a994ay-220m 22.0 20 0.54 (0.45) 0.27 (0.36) 0.37 (0.49) 0.48 (0.57) a994ay-270m 27.0 20 0.65 (0.54) 0.24 (0.33) 0.33 (0.44) 0.42 (0.50) A994AY-330M 33.0 20 0.76 (0.61) 0.23 (0.30) 0.30 (0.41) 0.40 (0.47) a994ay-470m 47.0 20 1.12 (0.93) 0.20 (0.26) 0.27 (0.36) 0.32 (0.38) inductance decrease current (3) (a) max. (typ.) =10% =30% ? l l ? l l temperature rise current (3) ? t=40c (a) max. (typ.) |
Price & Availability of A994AY-330M |